Part Number Hot Search : 
20010 TB2118FG 1N6303 KA7812 67A42 UNR31 AN011 3X221
Product Description
Full Text Search
 

To Download 74LVCH16244APAG8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  industrial temperature range idt74lvch16244a 3.3v cmos 16-bit buffer/driver with 3-state outputs 1 october 2015 industrial temperature range the idt logo is a registered trademark of integrated device technology, inc. ? 2015 integrated device technology, inc. all rights reserved. product specifications subject to change without notice. dsc-472 8/3 features: ? typical t sk(o) (output skew) < 250ps ? esd > 2000v per mil-std-883, method 3015; > 200v using machine model (c = 200pf, r = 0) ?v cc = 3.3v 0.3v, normal range ?v cc = 2.7v to 3.6v, extended range ? cmos power levels (0.4 w typ. static) ? all inputs, outputs, and i/o are 5v tolerant ? available in tssop package functional block diagram applications: ? 5v and 3.3v mixed voltage systems ? data communication and telecommunication systems drive features: ? high output drivers: 24ma ? reduced system switching noise idt74lvch16244a description: the lvch16244a 16-bit buffer/driver is built using advanced dual metal cmos technology. the lvch16244a is designed specifically to improve the performance and density of 3-state memory address drivers, clock drivers, and bus-oriented receivers and transmitters. the device can be used as four 4-bit buffers, two 8-bit buffers, or one 16-bit buffer. this device provides true outputs and symmetrical active-low output-enable ( oe ) inputs. all pins of this 16-bit buffer/driver can be driven from either 3.3v or 5v devices. this feature allows the use of this device a translator in a mixed 3.3v/5v supply system. the lvch16244a has been designed with a 24ma output driver. the driver is capable of driving a moderate to heavy load while maintaining speed performance. the lvch16244a has ?bus-hold? which retains the inputs? last state whenever the input goes to a high impedance. this prevents floating inputs and eliminates the need for pull-up/down resistors. 3.3v cmos 16-bit buffer/driver with 3-state outputs, 5 volt tolerant i/o and bus-hold 1 a 1 1 a 2 1 a 3 1 a 4 1 y 1 1 oe 1 y 2 1 y 3 1 y 4 2 a 1 2 a 2 2 a 3 2 a 4 2 y 1 2 oe 2 y 2 2 y 3 2 y 4 3 a 1 3 a 2 3 a 3 3 a 4 3 y 1 3 oe 3 y 2 3 y 3 3 y 4 4 a 1 4 a 2 4 a 3 4 a 4 4 y 1 4 oe 4 y 2 4 y 3 4 y 4 1 47 46 44 43 48 41 40 38 37 2 3 5 6 8 9 11 12 25 36 35 33 32 24 30 29 27 26 13 14 16 17 19 20 22 23
industrial temperature range 2 idt74lvch16244a 3.3v cmos 16-bit buffer/driver with 3-state outputs tssop top view pin configuration symbol description max unit v term terminal voltage with respect to gnd ?0.5 to +6.5 v t stg storage temperature ?65 to +150 c i out dc output current ?50 to +50 ma i ik continuous clamp current, ?50 ma i ok v i < 0 or v o < 0 i cc continuous current through each 100 ma i ss v cc or gnd absolute maximum ratings (1) note: 1. stresses greater than those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. note: 1. as applicable to the device type. symbol parameter (1) conditions typ. max. unit c in input capacitance v in = 0v 4.5 6 pf c out output capacitance v out = 0v 6.5 8 pf c i/o i/o port capacitance v in = 0v 6.5 8 pf capacitance (t a = +25c, f = 1.0mhz) note: 1. these pins have "bus-hold". all other pins are standard inputs, outputs, or i/os. 1 oe 1 y 1 1 y 2 gnd 1 y 3 1 y 4 v cc 2 y 1 2 y 2 gnd 2 y 3 2 y 4 3 y 1 3 y 2 3 y 4 4 oe gnd v cc 4 y 1 4 y 2 gnd 4 y 3 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 40 41 42 43 44 45 46 47 48 1 2 oe 1 a 1 1 a 2 gnd 1 a 3 1 a 4 v cc 2 a 1 2 a 2 2 a 3 2 a 4 3 a 1 gnd 3 a 3 3 a 4 4 a 1 4 a 2 gnd 4 a 3 4 a 4 3 oe 3 y 3 4 y 4 v cc 3 a 2 gnd notes: 1. h = high voltage level x = don?t care l = low voltage level z = high-impedance inputs outputs x oe xax xyx lll lhh hxz function table (each 4-bit buffer) (1) pin names description x a x data inputs (1) x y x 3-state outputs x oe 3-state output enable inputs (active low) pin description
industrial temperature range idt74lvch16244a 3.3v cmos 16-bit buffer/driver with 3-state outputs 3 symbol param eter test conditions min. typ. (1) max. unit v ih input high voltage level v cc = 2.3v to 2.7v 1.7 ? ? v v cc = 2.7v to 3.6v 2 ? ? v il input low voltage level v cc = 2.3v to 2.7v ? ? 0.7 v v cc = 2.7v to 3.6v ? ? 0.8 i ih input leakage current v cc = 3.6v v i = 0 to 5.5v ? ? 5 a i il i ozh high impedance output current v cc = 3.6v v o = 0 to 5.5v ? ? 10 a i ozl (3-state output pins) i off input/output power off leakage v cc = 0v, v in or v o 5.5v ? ? 50 a v ik clamp diode voltage v cc = 2.3v, i in = ?18ma ? ?0.7 ?1.2 v v h input hysteresis v cc = 3.3v ? 100 ? mv i ccl quiescent power supply current v cc = 3.6v v in = gnd or v cc ?? 10 a i cch i ccz 3.6 v in 5.5v (2) ?? 10 i cc quiescent power supply current one input at v cc - 0.6v, other inputs at v cc or gnd ? ? 500 a variation dc electrical characteristics over operating range following conditions apply unless otherwise specified: operating condition: t a = ?40c to +85c notes: 1. typical values are at v cc = 3.3v, +25c ambient. 2. this applies in the disabled state only. bus-hold characteristics symbol parameter (1) test conditions min. typ. (2) max. unit i bhh bus-hold input sustain current v cc = 3v v i = 2v ? 75 ? ? a i bhl v i = 0.8v 75 ? ? i bhh bus-hold input sustain current v cc = 2.3v v i = 1.7v ? ? ? a i bhl v i = 0.7v ? ? ? i bhho bus-hold input overdrive current v cc = 3.6v v i = 0 to 3.6v ? ? 500 a i bhlo notes: 1. pins with bus-hold are identified in the pin description. 2. typical values are at v cc = 3.3v, +25c ambient.
industrial temperature range 4 idt74lvch16244a 3.3v cmos 16-bit buffer/driver with 3-state outputs note: 1. v ih and v il must be within the min. or max. range shown in the dc electrical characteristics over operating range table for the appropriat e v cc range. t a = ? 40c to + 85c. output drive characteristics symbol parameter test conditions (1) min. max. unit v oh output high voltage v cc = 2.3v to 3.6v i oh = ? 0.1ma v cc ? 0.2 ? v v cc = 2.3v i oh = ? 6ma 2 ? v cc = 2.3v i oh = ? 12ma 1.7 ? v cc = 2.7v 2.2 ? v cc = 3v 2.4 ? v cc = 3v i oh = ? 24ma 2.2 ? v ol output low voltage v cc = 2.3v to 3.6v i ol = 0.1ma ? 0.2 v v cc = 2.3v i ol = 6ma ? 0.4 i ol = 12ma ? 0.7 v cc = 2.7v i ol = 12ma ? 0.4 v cc = 3v i ol = 24ma ? 0.55 operating characteristics, v cc = 3.3v 0.3v, t a = 25c symbol parameter test conditions typical unit c pd power dissipation capacitance per buffer/driver outputs enabled c l = 0pf, f = 10mhz 34 pf c pd power dissipation capacitance per buffer/driver outputs disabled 3 switching characteristics (1) v cc = 2.7v v cc = 3.3v 0.3v symbol parameter min. max. min. max. unit t plh propagation delay ? 4.7 1.1 4.1 ns t phl xax to xyx t pzh output enable time ? 5.8 1 4.6 ns t pzl x oe to xyx t phz output disable time ? 6.2 1.8 5.8 ns t plz x oe to xyx t sk (o) output skew (2) ?? ? 1ns notes: 1. see test circuits and waveforms. t a = ? 40c to + 85c. 2. skew between any two outputs of the same package and switching in the same direction.
industrial temperature range idt74lvch16244a 3.3v cmos 16-bit buffer/driver with 3-state outputs 5 open v load gnd v cc pulse generator d.u.t. 500 ? 500 ? c l r t v in v out (1, 2) lvc link input v ih 0v v oh v ol t plh1 t sk (x) output 1 output 2 t phl1 t sk (x) t plh2 t phl2 v t v t v oh v t v ol t sk (x) = t plh2 - t plh1 or t phl2 - t phl1 lvc link same phase input transition opposite phase input transition 0v 0v v oh v ol t plh t phl t phl t plh output v ih v t v t v ih v t lvc link data input 0v 0v 0v 0v t rem timing input asynchronous control synchronous control t su t h t su t h v ih v t v ih v t v ih v t v ih v t lvc link low-high-low pulse high-low-high pulse v t t w v t lvc link control input t plz 0v output normally low t pzh 0v switch closed output normally high enable disable switch open t phz 0v v lz v oh v t v t t pzl v load/2 v load/2 v ih v t v ol v hz lvc link test circuits and waveforms propagation delay test circuit for all outputs enable and disable times set-up, hold, and release times notes: 1. for t sk (o) output1 and output2 are any two outputs. 2. for t sk (b) output1 and output2 are in the same bank. definitions: c l = load capacitance: includes jig and probe capacitance. r t = termination resistance: should be equal to z out of the pulse generator. notes: 1. pulse generator for all pulses: rate 10mhz; t f 2.5ns; t r 2.5ns. 2. pulse generator for all pulses: rate 10mhz; t f 2ns; t r 2ns. output skew - t sk ( x ) pulse width note: 1. diagram shown for input control enable-low and input control disable-high. symbol v cc (1) = 3.3v0.3v v cc (1) = 2.7v v cc (2) = 2.5v0.2v unit v load 6 6 2 x vcc v v ih 2.7 2.7 vcc v v t 1.5 1.5 vcc / 2 v v lz 300 300 150 mv v hz 300 300 150 mv c l 50 50 30 pf test conditions switch position test switch open drain disable low v load enable low disable high gnd enable high all other tests open
industrial temperature range 6 idt74lvch16244a 3.3v cmos 16-bit buffer/driver with 3-state outputs ordering information xx lvc xxxx xx package device type temp. range xxx family bus-hold x blank 8 tube or tray tape and reel pag thin shrink small outline package - green 16 74 16-bit buffer/driver with 3-state outputs -40c to +85c 244a bus-hold double-density, 24ma h corporate headquarters for sales: for tech support: 6024 silver creek valley road 800-345-7015 or 408-284-8200 logichelp@idt.com san jose, ca 95138 fax: 408-284-2775 www.idt.com datasheet document history 10/06/2015 pg. 1, 2, 6 updated the ordering information by removing ssop, non rohs parts and adding tape and reel information.


▲Up To Search▲   

 
Price & Availability of 74LVCH16244APAG8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X